Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download OSY5RU5111A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 5mm round yellow led OSY5RU5111A features outline dimension high luminous leds 5mm round standard directivity superior weather-resistance uv resistant epoxy water clear type applications electronic signs and signals small area illuminations back lighting other lighting    .*/  .*/    6ojunn 5pmfsbodf nn   "opef $buipef absolute maximum rating 5b

directivity item symbol value 6oju dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 78 mw operating temperature topr -30 ~ +85 
 storage temperature tstg -40~ +100 
 lead soldering temperature tsol 260 /5sec  *pulse width max.10ms duty ratio max 1/10             electrical -optical charac teristics 5b

item symbol condition min. typ. max. 6oju dc forward voltage v f i f =20ma 1.8 2.1 2.6 v dc reverse current i r v r =5v - - 10 a domi. wavelength* d i f =20ma 585 590 595 nm luminous intensity* iv i f =20ma 7000 9000 - mcd 50% power angle 2 1/2 i f =20ma - 15 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSY5RU5111A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X